Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32CQ Datasheet (PDF) - Diodes Incorporated

MJD32CQ Datasheet PDF - Diodes Incorporated
Part # MJD32CQ
Download  MJD32CQ Download
File Size   315.53 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP HIGH VOLTAGE TRANSISTOR IN TO252

MJD32CQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD32CQ Datasheet PDF - Diodes Incorporated

Part # MJD32CQ
Download  MJD32CQ Click to download

File Size   315.53 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP HIGH VOLTAGE TRANSISTOR IN TO252

MJD32CQ Datasheet (HTML) - Diodes Incorporated


MJD32CQ Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > -100V
• IC = -3A high Continuous Collector Current
• ICM = -5A Peak Pulse Current
• Ideal for Power Switching or Amplification Applications
• Complementary NPN Type: MJD31CQ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - MJD32CQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD32CQ DIODES-MJD32CQ Datasheet
433Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
MJD32CQ-13 DIODES-MJD32CQ-13 Datasheet
433Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ_16 Datasheet
433Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
More results


Similar Description - MJD32CQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD31CQ DIODES-MJD31CQ Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com