Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT13003EK Datasheet (PDF) - Diodes Incorporated

DXT13003EK Datasheet PDF - Diodes Incorporated
Part # DXT13003EK
Download  DXT13003EK Download
File Size   416.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252

DXT13003EK Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT13003EK Datasheet PDF - Diodes Incorporated

Part # DXT13003EK
Download  DXT13003EK Click to download

File Size   416.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252

DXT13003EK Datasheet (HTML) - Diodes Incorporated


DXT13003EK Product details

Features
BVCEO > 460V
BVCES > 700V
BVEBO > 9V
IC = 1.5A High Continuous Collector Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - DXT13003EK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
More results


Similar Description - DXT13003EK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD31CQ DIODES-MJD31CQ Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
DXT696BK DIODES-DXT696BK_15 Datasheet
456Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
Rev 1
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
DXT696BK DIODES-DXT696BK Datasheet
455Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
December 2013
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com