Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31CQ Datasheet (PDF) - Diodes Incorporated

MJD31CQ Datasheet PDF - Diodes Incorporated
Part # MJD31CQ
Download  MJD31CQ Download
File Size   316.5 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN HIGH VOLTAGE TRANSISTOR IN TO252

MJD31CQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD31CQ Datasheet PDF - Diodes Incorporated

Part # MJD31CQ
Download  MJD31CQ Click to download

File Size   316.5 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN HIGH VOLTAGE TRANSISTOR IN TO252

MJD31CQ Datasheet (HTML) - Diodes Incorporated


MJD31CQ Product details

Description
This Bipolar Junction Transistor (BJT) has been designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > 100V
• IC = 3A high Continuous Collector Current
• ICM = 5A Peak Pulse Current
• Ideal for Power Switching or Amplification Applications
• Complementary PNP Type: MJD32CQ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - MJD31CQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD31CQ DIODES-MJD31CQ Datasheet
456Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 3
MJD31CQ-13 DIODES-MJD31CQ-13 Datasheet
456Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 3
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD31CQ DIODES-MJD31CQ_16 Datasheet
456Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 3
More results


Similar Description - MJD31CQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
MJD31C DIODES-MJD31C_15 Datasheet
314Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32CQ DIODES-MJD32CQ Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD31CQ DIODES-MJD31CQ_15 Datasheet
316Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
ZXTN4004K DIODES-ZXTN4004K_15 Datasheet
541Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN TO252
Rev 4
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
DXT696BK DIODES-DXT696BK Datasheet
455Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
December 2013
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com