Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32CQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MJD32CQ
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CQ Datasheet(HTML) 3 Page - Diodes Incorporated

  MJD32CQ Datasheet HTML 1Page - Diodes Incorporated MJD32CQ Datasheet HTML 2Page - Diodes Incorporated MJD32CQ Datasheet HTML 3Page - Diodes Incorporated MJD32CQ Datasheet HTML 4Page - Diodes Incorporated MJD32CQ Datasheet HTML 5Page - Diodes Incorporated MJD32CQ Datasheet HTML 6Page - Diodes Incorporated MJD32CQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJD32CQ
Document number: DS37050 Rev. 1 - 2
3 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD32CQ
Thermal Characteristics
100m
1
10
100
10m
100m
1
10
Single Pulse
T
amb=25°C
V
CE(sat)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE Collector-Emitter Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
Single Pulse
T
CASE=25°C
1ms
10ms
100ms
V
CE(sat)
Limited
100s
DC
Safe Operating Area
-V
CE Collector-Emitter Voltage (V)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
T
AMB=25°C
Minimum Copper
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0
2
4
6
8
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
T
CASE=25°C
Transient Thermal Impedance
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com