Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32CQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MJD32CQ
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CQ Datasheet(HTML) 2 Page - Diodes Incorporated

  MJD32CQ Datasheet HTML 1Page - Diodes Incorporated MJD32CQ Datasheet HTML 2Page - Diodes Incorporated MJD32CQ Datasheet HTML 3Page - Diodes Incorporated MJD32CQ Datasheet HTML 4Page - Diodes Incorporated MJD32CQ Datasheet HTML 5Page - Diodes Incorporated MJD32CQ Datasheet HTML 6Page - Diodes Incorporated MJD32CQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MJD32CQ
Document number: DS37050 Rev. 1 - 2
2 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD32CQ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-6
V
Continuous Collector Current
IC
-3
A
Peak Pulse Collector Current
ICM
-5
A
Continuous Base Current
IB
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
3.9
W
(Note 7)
2.1
(Note 8)
1.6
(Note 9)
15
Thermal Resistance, Junction to Ambient Air
(Note 6)
RθJA
32
°C/W
(Note 7)
59
(Note 8)
80
Thermal Resistance, Junction to Leads
(Note 9)
RθJL
8.4
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 10)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the exposed collector pad on 50mm x 50mm 2oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in a steady-state.
7. Same as note (6), except mounted on 25mm x 25mm 1oz copper.
8. Same as note (6), except mounted on minimum recommended pad (MRP) layout.
9. Thermal resistance from junction to solder-point (on the exposed collector pad).
10. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com