Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-818 Datasheet (PDF) - Seiko Instruments Inc

S-818 Datasheet PDF - Seiko Instruments Inc
Part # S-818
Download  S-818 Download
File Size   366.6 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LOW DROPOUT CMOS VOLTAGE REGULATOR

S-818 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-818 Datasheet PDF - Seiko Instruments Inc

Part # S-818
Download  S-818 Click to download

File Size   366.6 Kbytes
Page   23 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description LOW DROPOUT CMOS VOLTAGE REGULATOR

S-818 Datasheet (HTML) - Seiko Instruments Inc


S-818 Product details

LOW DROPOUT CMOS VOLTAGE REGULATOR

The S-818 Series is a positive voltage regulator developed by CMOS technology and featured by low dropout voltage, high output voltage accuracy and low current consumption.
Built-in low on-resistance transistor provides low dropout voltage and large output current. A ceramic capacitor of 2 µF or more can be used as an output capacitor. A shutdown circuit ensures long battery life. The SOT-23-5 miniaturized package and the SOT-89-5 package are recommended for configuring portable devices and large output current applications, respectively.

Features
• Low current consumption:       At operation mode: Typ. 30 µA, Max. 40 µA
                                                   At shutdown mode: Typ. 100 nA, Max. 500 nA
• Output voltage:                        2.0 to 6.0 V, selectable in 0.1 V steps.
• High accuracy output voltage: ±2.0%
• Peak output current:                200 mA capable (3.0 V output product, VIN=4 V)*1
                                                  300 mA capable (5.0 V output product, VIN=6 V)*1
• Low dropout voltage:               Typ. 170 mV (5.0 V output product, IOUT=60 mA)
• A ceramic capacitor (2 µF or more) can be used as an output capacitor.
• Built-in shutdown circuit
• Small package:                         SOT-23-5, SOT-89-5
• Lead-free products
   *1. Attention should be paid to the power dissipation of the package when the output current is large.

Applications
• Power source for battery-powered devices, personal communication devices and home electric/electronic appliances




Similar Part No. - S-818

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818 SII-S-818 Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-818A20AMC-BGAT2G SII-S-818A20AMC-BGAT2G Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A20AMC-BGAT2X ABLIC-S-818A20AMC-BGAT2X Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-818A20AUC-BGAT2G SII-S-818A20AUC-BGAT2G Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Similar Description - S-818

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com