Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8391 Datasheet (PDF) - Analog Devices

AD8391 Datasheet PDF - Analog Devices
Part # AD8391
Download  AD8391 Download
File Size   278.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description xDSL Line Driver 3 V to 12 V with Power-Down

AD8391 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8391 Datasheet PDF - Analog Devices

Part # AD8391
Download  AD8391 Click to download

File Size   278.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description xDSL Line Driver 3 V to 12 V with Power-Down

AD8391 Datasheet (HTML) - Analog Devices


AD8391 Product details

PRODUCT DESCRIPTION
The AD8391 consists of two parallel, low cost xDSL line drive amplifiers capable of driving low distortion signals while running on both 3 V to 12 V single-supply or equivalent dual-supply rails. It is primarily intended for use in single-supply xDSL systems where low power is essential, such as line powered and battery backup systems. Each amplifier output drives more than 250 mA of current while maintaining –82 dBc of SFDR at 100 kHz on 12 V, outstanding performance for any xDSL CPE application.

FEATURES
   Ideal xDSL Line Driver for VoDSL or Low Power
      Applications such as USB, PCMCIA, or PCI Based
      Customer Premise Equipment (CPE)
   High Output Voltage and Current Drive
      340 mA Output Drive Current
   Low Power Operation
      3 V to 12 V Power Supply Range
      1-Pin Logic Controlled Standby, Shutdown
      Low Supply Current of 19 mA (Typical)
   Low Distortion
      –82 dBc SFDR, 12 V p-p into Differential 21 Ω @ 100 kHz
      4.5 nV/√Hz Input Voltage Noise Density, 100 kHz
   Out-of-Band SFDR = –72 dBc, 144 kHz to 500 kHz,
      ZLINE = 100 Ω, PLINE = 13.5 dBm
   High Speed
      40 MHz Bandwidth (–3 dB)
      375 V/μs Slew Rate

APPLICATIONS
   VoDSL Modems
   xDSL USB, PCI, PCMCIA Cards
   Line Powered or Battery Backup xDSL Modems




Similar Part No. - AD8391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results


Similar Description - AD8391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
XDSL LINE DRIVER
Oct-2001
logo
Texas Instruments
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
xDSL Differential Line Driver
December 19, 2006
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
xDSL Differential Line Driver
March 29, 2007
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com