Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60133 Datasheet (PDF) - STMicroelectronics

STLC60133 Datasheet PDF - STMicroelectronics
Part # STLC60133
Download  STLC60133 Download
File Size   91.47 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description XDSL LINE DRIVER

STLC60133 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC60133 Datasheet PDF - STMicroelectronics

Part # STLC60133
Download  STLC60133 Click to download

File Size   91.47 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description XDSL LINE DRIVER

STLC60133 Datasheet (HTML) - STMicroelectronics


STLC60133 Product details

DESCRIPTION
The STLC60133 is a dual amplifier featuring a high slew rate and a large bandwidth optimized for XDSL applications. The device is available in a HTSSOP 28 pin package (4x9 mm) with an exposed leadframe.
Thanks to its small package this line driver is suitable for high density ADSL line card.
Two digital pins (PWDN0 and PWDN1) allow the driver to work in full performance mode, in low-power mode or two intermediate bias states.
The low-power mode biases the output stage in order to provide a low impedance at the amplifier outputs for back termination.
The STLC60133 is designed optimizing bandwidth and distortion performances. For proper device operating it is necessary to work with a gain level greater than 15.6dB.
Typical differential gain is normally +27dB, while typical common mode gain is 15.6dB

■ LOW NOISE : 4nV/√Hz
■ HIGH PEAK OUTPUT CURRENT: 500 mA
■ HIGH SPEED
   – 140MHz Gain Bandwidth
   – 30MHz Gain Flatness
   – 400 V/us Slew Rate
■ LOW POWER OPERATION
   – ±5V to ±15V Voltage Supply
   – 12.5 mA/Amp (typ) Supply current
   – Power reduced Current
■ LOW SINGLE TONE DISTORTION
■ THERMAL AND OVERLOAD PROTECTION
■ HTSSOP28 PACKAGE
■ -40 TO +85°C OPERATING RANGE




Similar Part No. - STLC60133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60134 STMICROELECTRONICS-STLC60134 Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
More results


Similar Description - STLC60133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
xDSL Differential Line Driver
September 9, 2004
EL1517A INTERSIL-EL1517A Datasheet
33Kb / 2P
xDSL Differential Line Driver
August 8, 2006
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
xDSL Differential Line Driver
December 19, 2006
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
xDSL Differential Line Driver
March 29, 2007
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
xDSL Differential Line Driver
August 8, 2006
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 28, 2006
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com