Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60133 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC60133
Description  XDSL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60133 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC60133 Datasheet HTML 1Page - STMicroelectronics STLC60133 Datasheet HTML 2Page - STMicroelectronics STLC60133 Datasheet HTML 3Page - STMicroelectronics STLC60133 Datasheet HTML 4Page - STMicroelectronics STLC60133 Datasheet HTML 5Page - STMicroelectronics STLC60133 Datasheet HTML 6Page - STMicroelectronics STLC60133 Datasheet HTML 7Page - STMicroelectronics STLC60133 Datasheet HTML 8Page - STMicroelectronics STLC60133 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
STLC60133
October 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
LOW NOISE : 4nV/
s
HIGH PEAK OUTPUT CURRENT: 500 mA
s
HIGH SPEED
– 140MHz Gain Bandwidth
– 30MHz Gain Flatness
– 400 V/us Slew Rate
s
LOW POWER OPERATION
– ±5V to ±15V Voltage Supply
– 12.5 mA/Amp (typ) Supply current
– Power reduced Current
s
LOW SINGLE TONE DISTORTION
s
THERMAL AND OVERLOAD PROTECTION
s
HTSSOP28 PACKAGE
s
-40 TO +85°C OPERATING RANGE
DESCRIPTION
The STLC60133 is a dual amplifier featuring a high
slew rate and a large bandwidth optimized for XDSL
applications. The device is available in a HTSSOP 28
pin package (4x9 mm) with an exposed leadframe.
Thanks to its small package this line driver is suitable
for high density ADSL line card.
Two digital pins (PWDN0 and PWDN1) allow the driv-
er to work in full performance mode, in low-power
mode or two intermediate bias states.
The low-power mode biases the output stage in order
to provide a low impedance at the amplifier outputs
for back termination.
The STLC60133 is designed optimizing bandwidth
and distortion performances. For proper device oper-
ating it is necessary to work with a gain level greater
than 15.6dB.
Typical differential gain is normally +27dB, while typ-
ical common mode gain is 15.6dB
Hz
HTSSOP28
ORDERING NUMBER: STLC60133
Temperature Range: -40°C to +85°C
PRELIMINARY DATA
XDSL LINE DRIVER
Figure 1. BLOCK DIAGRAM
TH DETCT.
OUT1
+VS
-VS
OUT2
IN1N
IN1P
PWDN0
PWDN1
BIAS
DGND
IN2N
IN2P
Op1
-
+
-
+
Op2
LOGIC
D00TL462A


Similar Part No. - STLC60133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60134 STMICROELECTRONICS-STLC60134 Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
More results

Similar Description - STLC60133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
xDSL Differential Line Driver
September 9, 2004
EL1517A INTERSIL-EL1517A Datasheet
33Kb / 2P
xDSL Differential Line Driver
August 8, 2006
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
xDSL Differential Line Driver
December 19, 2006
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
xDSL Differential Line Driver
March 29, 2007
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
xDSL Differential Line Driver
August 8, 2006
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 28, 2006
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com