Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60133 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC60133
Description  XDSL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60133 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC60133 Datasheet HTML 1Page - STMicroelectronics STLC60133 Datasheet HTML 2Page - STMicroelectronics STLC60133 Datasheet HTML 3Page - STMicroelectronics STLC60133 Datasheet HTML 4Page - STMicroelectronics STLC60133 Datasheet HTML 5Page - STMicroelectronics STLC60133 Datasheet HTML 6Page - STMicroelectronics STLC60133 Datasheet HTML 7Page - STMicroelectronics STLC60133 Datasheet HTML 8Page - STMicroelectronics STLC60133 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STLC60133
OPERATING RANGE
Notes
1) All voltages values , except differential voltage , are with respect to network ground terminal .
2) Differential voltages are non-inverting input terminal with respect to the inverting input terminal
3) Specification is for device on a 4 layer board within 10 square inches of oz. copper at +85°C and 200m/s air velocity. With 0m/s air velocity
the parameter increases up to 33°C/W
.
PIN DESCRIPTION
Power Down Management
The STLC60133 provides several quiescent bias levels from full performance, to reduced bias (in three steps
through PWDN0/1 pins) or to full OFF operation (through BIAS pin). According to the different XDSL application
(both site CO and CPE), different bias levels can be chosen maintaining good MTPR performances. In the fol-
lowing table are shown the bias levels versus the PWDN values.
Symbol
Parameter
Value
Unit
Top
Operating Temperature Range
-40 to 85
°C
VCC
Positive Supply voltage (note1)
+5 to +15
V
VSS
Negative Supply voltage (note1)
-5 to -15
V
VDGND
Digital Ground level
VSS+5<VDGND<VCC-5
V
Vicm
Common Mode Input Voltage Range
±1
V
Pin
Description
2, 3, 12, 13, 14,
15, 16, 17, 19,
25, 26, 27
NC
Not Connected
4
IN2P
Non Inverting Input of Op. Amplifier 2
5
IN2N
Inverting Input of Op. Amplifier 2
6
OUT2
Ouput of Op. Amplifier 2
7, 8
+Vs
Positive Supply Voltage
9
OUT1
Ouput of Op. Amplifier 1
10
IN1N
Inverting Input of Op. Amplifier 1
11
IN1P
Non Inverting Input of Op. Amplifier 1
14
PWDN1
Power Down 1 logic input
18
PWDN0
Power Down 0 logic input
21, 22
-Vs
Negative Supply Voltage
23
BIAS
Bias Control pin
1, 28
RES
To be left not connected
PWDN1
PWDN0
Bias Level
1
1
100%
1
0
60%
0
1
40%
0
0
25% (low Zout but not OFF)
X
X
Full OFF (High Zout via 250uA pulled out of BIAS pin)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com