Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60133 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC60133
Description  XDSL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60133 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC60133 Datasheet HTML 1Page - STMicroelectronics STLC60133 Datasheet HTML 2Page - STMicroelectronics STLC60133 Datasheet HTML 3Page - STMicroelectronics STLC60133 Datasheet HTML 4Page - STMicroelectronics STLC60133 Datasheet HTML 5Page - STMicroelectronics STLC60133 Datasheet HTML 6Page - STMicroelectronics STLC60133 Datasheet HTML 7Page - STMicroelectronics STLC60133 Datasheet HTML 8Page - STMicroelectronics STLC60133 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STLC60133
4/9
The bias level is programmed by the TTL logic level applied to the PWDN pins. The DGND pin is the logic
ground reference for the PWDN pins. For normal operation the BIAS pin shall be left open.
The BIAS control pin can be used to adjust the internal biasing and thus the quiescent current. By pulling out a
current of 0
µA to 200µA, the quiescent current can be adjusted from 100% (full ON) to a full OFF condition.
However, considering the internal parameter spread to full shutdown the STLC60133 is recommended to pull
down a 250
µA current from the BIAS pin. In the following figure is shown an implementation of a complete am-
plifier shutdown. To partially reduce the internal biasing also the PWDN pins can be used.
Figure 2. Logic drive of bias pin for complete Amplifier Shutdown.
THERMAL SHUTDOWN
A thermal protection is embedded in the STLC60133. In case of thermal overload the device is shut down at
160°C and returns to normal operation when the temperature becomes lower than 145°C.
During the thermal shutdown the voltage at the BIAS pin goes to the DGND rail; when the device returns to the
normal operation the voltage at the BIAS pin goes to the positive rail. In this condition the BIAS pin can be used
as thermal overload indicator.
MAXIMUM POWER DISSIPATION
Maximum Junction Temperature allowed for proper device operation is Tj = 140°C. A Typical Thermal Resis-
tance Junction to ambient of 29°C/W can be obtained mounting the device on a 4 layer board whithin 10 square
inches of copper and having the exposed pad contacting a proper copper area . It shall be noted that the ex-
posed pad of the device is electrically connected to the VSS negative supply.
Figure 3. Shutdown and alarm circuit
3.3V
BIAS
50K
Ω
R1
D01TL492
R1 = 47K
Ω for ± 12V
R1 = 22K
Ω for ± 6V
R2
STLC60133
VCC
VCC
+5V
ALARM
OR
VEE
BIAS
BIAS
BIAS
BIAS
VBIAS=VCC -1.5V
OR
0-200
µA
10K
Ω
PWDN0
PWDN1
1/4 HCF40109B
ST
SHUT
DOWN
200
µA
10K
Ω
1M
Ω
10K
Ω
100K
Ω
ALARM
D01TL491
MIN
β 350
+5V
STLC60133



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com