Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH289BP Datasheet (PDF) - Anachip Corp

AH289BP Datasheet PDF - Anachip Corp
Part # AH289BP
Download  AH289BP Download
File Size   169.19 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall-Effect Smart Fan Motor Controller

AH289BP Datasheet (PDF)

Go To PDF Page Download Datasheet
AH289BP Datasheet PDF - Anachip Corp

Part # AH289BP
Download  AH289BP Click to download

File Size   169.19 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall-Effect Smart Fan Motor Controller

AH289BP Datasheet (HTML) - Anachip Corp


AH289BP Product details

■ General Description
AH289 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-drain transistors for motor’s coil driving, automatic lock current shutdown, and recovery protections. In addition, rotor-state detection (RD) output is for Rotor-state detection.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while the rotor is blocked. Until the blocking is removed, the motor recovers running normally.

■ Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Rotor-state detection (RD) output
- Built-in Zener protection for output driver
- Operating voltage: 3.8V~28V
- Output current: IO(AVE) = 400mA
- Package: SIP-5L, SOT89-5L




Similar Part No. - AH289BP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289 DIODES-AH289 Datasheet
116Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 11
AH289-P DIODES-AH289-P Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-13 DIODES-AH289-PL-13 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH289-PL-B DIODES-AH289-PL-B Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results


Similar Description - AH289BP

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH289 DIODES-AH289 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com