Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9424 Datasheet (PDF) - Vishay Siliconix

DG9424 Datasheet PDF - Vishay Siliconix
Part # DG9424
Download  DG9424 Download
File Size   94.92 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches

DG9424 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9424 Datasheet PDF - Vishay Siliconix

Part # DG9424
Download  DG9424 Click to download

File Size   94.92 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches

DG9424 Datasheet (HTML) - Vishay Siliconix


DG9424 Product details

DESCRIPTION
The DG9424, DG9425, DG9426 are low voltage precision monolithic quad single-pole-single-throw analog switches.

FEATURES
• 2.7 V thru 12 V single supply or ± 3 thru ± 6 dual supply
• On-resistance - RDS(on): 1.7 Ω
• Fast switching - tON: 42 ns - tOFF: 28 ns
• TTL, CMOS compatible
• Low leakage: 0.2 nA
• 2000 V ESD protection

BENEFITS
• Widest dynamic range
• Low signal errors and distortion
• Break-before-make switching action
• Simple interfacing

APPLICATIONS
• Automatic test equipment
• Data acquisition systems
• Communication systems
• ADC systems
• xDSL and PBX/PABX
• Audio signal routing




Similar Part No. - DG9424

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9424 VISHAY-DG9424 Datasheet
169Kb / 12P
Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
31-Aug-09
DG9424 VISHAY-DG9424 Datasheet
231Kb / 13P
Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
21-Mar-16
DG9424DQ VISHAY-DG9424DQ Datasheet
169Kb / 12P
Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
31-Aug-09
DG9424DQ-T1-E3 VISHAY-DG9424DQ-T1-E3 Datasheet
231Kb / 13P
Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
21-Mar-16
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
More results


Similar Description - DG9424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
June 2003
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
logo
Vishay Siliconix
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
31-Aug-09
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Vishay Siliconix
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
21-Mar-16
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
Low-Voltage, Low RON Quad SPST Analog Switch
27-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com