Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M22A Datasheet (PDF) - Holtek Semiconductor Inc

HT82M22A Datasheet PDF - Holtek Semiconductor Inc
Part # HT82M22A
Download  HT82M22A Download
File Size   95.23 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 5-Key 3D USBPS/2 Optical Mouse Controller

HT82M22A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82M22A Datasheet PDF - Holtek Semiconductor Inc

Part # HT82M22A
Download  HT82M22A Click to download

File Size   95.23 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 5-Key 3D USBPS/2 Optical Mouse Controller

HT82M22A Datasheet (HTML) - Holtek Semiconductor Inc


HT82M22A Product details

General Description

HT82M22A is a Plug and Play Windows 2000 and 5-button 3D USB+PS/2 Mouse controller. The HT82M22A can support the USB Standard Request as well as HID Class Request version 1.1. It is compatible with Microsoft Intelli 3D PS/2 mouse. The Z-axis can support two kinds of scroller input, namely; mechanical and optomechanical. It requires minimal external components to implement 3D USB plus PS/2 mouse. All its features combined and make up this versatile Holtek 8-bit MCU with an on-chip USB interface logic. The USB is specified by the Universal Serial Bus Specification V1.1.



Features

• Operating voltage: 4.4V~5.25V

• Compatible with Microsoft Windows 2000 and 5-button Wheel Mouse

• Complete Universal Serial Bus specs V1.1 compatibility

• Serial Bus Interface Engine (SIE)

• USB transceiver

• Microsoft 3D Intelli mouse and IBM PS/2 mouse compatible

• Supports five buttons and Z-axes input

• Z-axis can support two kinds of scroller input (optomechanical and mechanical)

• Single chip solution especially for USB mouse function

• HALT function and wake-up feature reduce power consumption

• Plug and Play functions

• Minimal external components

• 6MHz crystal oscillator for system clock

• Interface compliant with ADNS-2051, ADNS-2610 and ADNS-2620

• Pass WHQL, USB-IF and EMC testing

• 20-pin DIP package



 




Similar Part No. - HT82M22A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
HT82M23B HOLTEK-HT82M23B Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
More results


Similar Description - HT82M22A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
February 10, 2003
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
3/5-Key 3D PS/2 Optical Mouse Controller
January 24, 2006
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
3/5-Key USBPS/2 Optical Mouse Controller
May 14, 2007
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
3/5-Key 3D PS/2 Optical Mouse Controller
May 30, 2007
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com