Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L60CW Datasheet (PDF) - International Rectifier

STPS30L60CW Datasheet PDF - International Rectifier
Part # STPS30L60CW
Download  STPS30L60CW Download
File Size   221.42 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.

STPS30L60CW Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS30L60CW Datasheet PDF - International Rectifier

Part # STPS30L60CW
Download  STPS30L60CW Click to download

File Size   221.42 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.

STPS30L60CW Datasheet (HTML) - International Rectifier


STPS30L60CW Product details

IF(AV) Rectangular waveform  30 A
VRRM 60 V
IFSM @ tp = 5 µs sine 1020 A
VF @15 Apk, TJ=125°C(per leg) 0.56 V
TJ -55 to 150 °C

Description
The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150° C junction temperature. Typical applica tions are in switching power supplies, converters, free-wheel ing diodes, and reverse battery protection.

Features
● 150° C TJ operation
● Center tap TO-247 package
● High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
● Very low forward voltage drop
● High frequency operation
● Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - STPS30L60CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
110Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
167Kb / 11P
Power Schottky rectifier
31-Mar-2007
logo
Vishay Siliconix
STPS30L60CW VISHAY-STPS30L60CW Datasheet
106Kb / 6P
Schottky Rectifier, 2 x 15 A
18-Jun-08
STPS30L60CW VISHAY-STPS30L60CW Datasheet
109Kb / 6P
Schottky Rectifier, 2 x 15 A
01-Sep-08
logo
STMicroelectronics
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
213Kb / 13P
Power Schottky rectifier
15-Jun-2012
More results


Similar Description - STPS30L60CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
This center tap Schottky rectifier has been optimized for low
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
International Rectifier
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
STPS40L15CW IRF-STPS40L15CW Datasheet
241Kb / 7P
The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com