Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CTP Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MBR3045CTP Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MBR3045CTP
Download  MBR3045CTP Download
File Size   1964.9 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description This center tap Schottky rectifier has been optimized for low

MBR3045CTP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045CTP Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MBR3045CTP
Download  MBR3045CTP Click to download

File Size   1964.9 Kbytes
Page   5 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description This center tap Schottky rectifier has been optimized for low

MBR3045CTP Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MBR3045CTP Product details

DESCRIPTION

This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.



FEATURES

• 150 °C TJoperation

• Low forward voltage drop

• High frequency operation

• Center tap D2PAK and TO-262 packages

• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

• Guard ring for enhanced ruggedness and long term reliability

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C

• Halogen-free according to IEC 61249-2-21 definition

• Compliant to RoHS directive 2002/95/EC

• AEC-Q101 qualified




Similar Part No. - MBR3045CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3045CTP DIODES-MBR3045CTP Datasheet
87Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
DS31796 Rev. 3 - 2
logo
Vishay Siliconix
MBR3045CTP VISHAY-MBR3045CTP Datasheet
128Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
logo
Sangdest Microelectroni...
MBR3045CTP SMC-MBR3045CTP Datasheet
144Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR3045CTP SMCDIODE-MBR3045CTP Datasheet
188Kb / 4P
MBR3045CTP SCHOTTKY RECTIFIER
Rev. A
logo
Vishay Siliconix
MBR3045CTPBF VISHAY-MBR3045CTPBF Datasheet
117Kb / 6P
Schottky Rectifier, 2 x 15 A
13-Aug-08
More results


Similar Description - MBR3045CTP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
logo
Kersemi Electronic Co.,...
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
International Rectifier
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203DMQ IRF-203DMQ Datasheet
119Kb / 5P
The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
STPS40L15CW IRF-STPS40L15CW Datasheet
241Kb / 7P
The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com