Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2143H Datasheet (PDF) - Monolithic Power Systems

MPQ2143H Datasheet PDF - Monolithic Power Systems
Part # MPQ2143H
Download  MPQ2143H Download
File Size   897.81 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 5.5V, 2.0MHz Synchronous Step Down Switcher

MPQ2143H Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ2143H Datasheet PDF - Monolithic Power Systems

Part # MPQ2143H
Download  MPQ2143H Click to download

File Size   897.81 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 5.5V, 2.0MHz Synchronous Step Down Switcher

MPQ2143H Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MPQ2143H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ2143DJ MPS-MPQ2143DJ Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ2143DJ-AEC1 MPS-MPQ2143DJ-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
More results


Similar Description - MPQ2143H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com