Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172 Datasheet (PDF) - Monolithic Power Systems

MP2172 Datasheet PDF - Monolithic Power Systems
Part # MP2172
Download  MP2172 Download
File Size   589.07 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher

MP2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2172 Datasheet PDF - Monolithic Power Systems

Part # MP2172
Download  MP2172 Click to download

File Size   589.07 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher

MP2172 Datasheet (HTML) - Monolithic Power Systems


MP2172 Product details

DESCRIPTION
The MP2172 is a monolithic, step-down, switchmode
converter with integrated, internal, power
MOSFETs. The MP2172 can achieve up to 2A
of continuous output current from a 2.5V to
5.5V input voltage with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Full protection features include cycle-by-cycle
current limiting and thermal shutdown.
The MP2172 is ideal for a wide range of
applications, including automotive infotainment,
clusters, telematics, and portable instruments.
The MP2172 requires only a minimal number of
readily available, standard, external
components and is available in a small
TSOT23-8 package.

FEATURES
 Wide 2.5V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Up to 2A Output Current
 80mΩ and 45mΩ Internal Power MOSFET
Switches
 Default 2.6MHz Switching Frequency with
3.3V Input and 1.8V Output
 EN and Power Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Auto Discharge at Power-Off
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a TSOT23-8 Package

APPLICATIONS
 Automotive Infotainment
 Automotive Clusters
 Automotive Telematics
 Low-Voltage I/O System Power
 Handheld/Battery-Powered Systems




Similar Part No. - MP2172

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
MP2172CGQFU MPSIND-MP2172CGQFU Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results


Similar Description - MP2172

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com