Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet (PDF) - MPS Industries, Inc.

MP2172C Datasheet PDF - MPS Industries, Inc.
Part # MP2172C
Download  MP2172C Download
File Size   532.92 Kbytes
Page   18 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package

MP2172C Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2172C Datasheet PDF - MPS Industries, Inc.

Part # MP2172C
Download  MP2172C Click to download

File Size   532.92 Kbytes
Page   18 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package

MP2172C Datasheet (HTML) - MPS Industries, Inc.


MP2172C Product details

DESCRIPTION
The MP2172C is a monolithic, step-down,
switch-mode converter with built-in internal
power MOSFETs. It achieves 2A of continuous
output current from a 2.38V to 5.5V input
voltage range with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
The constant-on-time (COT) control scheme
provides fast transient response and eases loop
stabilization. Fault protections include cycle-bycycle
current limiting and thermal shutdown.
The MP2172C is ideal for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
The MP2172C requires a minimal number of
readily available, standard external components,
and is available in ultra-small 1.2mmx1.6mm
UTQFN packages.

FEATURES
 Fixed-Frequency PWM Mode
 1.1MHz Switching Frequency
 EN for Power Sequencing
 1% FB Accuracy
 Wide 2.38V to 5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A Output Current
 75mΩ and 45mΩ Internal Power MOSFET
Switches
 100% Duty On
 Output Discharge
 VOUT Over-Voltage Protection (OVP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Available in a UTQFN (1.2mmx1.6mm)
Package

APPLICATIONS
 Wireless/Networking Cards
 Portable Instruments
 Battery-Powered Devices
 Low-Voltage I/O System Power
 Multi-Function Printers
 Solid-State Drives




Similar Part No. - MP2172C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
MP2172GJ MPS-MP2172GJ Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results


Similar Description - MP2172C

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Texas Instruments
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Monolithic Power System...
MP2192 MPS-MP2192 Datasheet
1Mb / 22P
2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
Rev. 1.0 5/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com