Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 6Page - MPS Industries, Inc. MP2172C Datasheet HTML 7Page - MPS Industries, Inc. MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
10
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 1μH, COUT = 22μF, TA = +25°C, unless otherwise noted.
EN Power-Up
IOUT = 0A
EN Power-Up
IOUT = 2A
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
4ms/div.
2ms/div.
EN Shutdown
IOUT = 0A
EN Shutdown
IOUT = 2A
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
CH1: VOUT
1V/div.
CH2: VEN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
10ms/div.
2ms/div.
Load Transient
IOUT = 0A to 5A
Short-Circuit Entry
CH1:
VOUT/AC
50mV/div.
CH3: VSW
2V/div.
CH4: IOUT
1A/div.
CH1: VOUT
1V/div.
CH2: VIN
5V/div.
CH3: VSW
2V/div.
CH4: IL
2A/div.
100µs/div.
400µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com