Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP2172C Datasheet HTML 1Page - MPS Industries, Inc. MP2172C Datasheet HTML 2Page - MPS Industries, Inc. MP2172C Datasheet HTML 3Page - MPS Industries, Inc. MP2172C Datasheet HTML 4Page - MPS Industries, Inc. MP2172C Datasheet HTML 5Page - MPS Industries, Inc. MP2172C Datasheet HTML 6Page - MPS Industries, Inc. MP2172C Datasheet HTML 7Page - MPS Industries, Inc. MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
4
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C (6), typical value is tested at TJ = +25°C. Over-temperature limit is
guaranteed by characterization, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN range
2.38
5.5
V
Under-voltage lockout
threshold rising
2.3
2.38
V
Under-voltage lockout
threshold falling
2.25
V
Under-voltage lockout
threshold hysteresis
200
mV
Feedback voltage
VFB
TJ = 25°C
594
600
606
mV
TJ = -40°C to +125°C
591
600
609
Feedback current
IFB
VFB= 0.63V
50
100
nA
P-FET switch on resistance
RDSON_P
VIN = 5V
75
mΩ
N-FET switch on resistance
RDSON_N
VIN = 5V
45
mΩ
Switch leakage
VEN = 0V, VIN = 6V,
VSW = 0V and 6V, TJ = +25°C
0
1
μA
P-FET peak current limit
2.8
4
A
N-FET valley current limit
2.5
A
On time
tON
VIN = 5V, VOUT = 1.2V
180
220
260
ns
VIN = 3.6V, VOUT = 1.2V
240
300
360
Switching frequency
fs
VOUT = 1.2V
1100
kHz
Minimum off time
tMIN-OFF
100
ns
Minimum on time (7)
tMIN-ON
60
ns
Soft-start time
tSS-ON
VOUT rise from 10% to 90%
0.5
ms
Maximum duty cycle
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com