Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. MP2172C Datasheet HTML 15Page - MPS Industries, Inc. MP2172C Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
12
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
UTQFN
1
GND
Power ground.
2
SW
Output switching node. SW is the drain of the internal high-side P-channel
MOSFET. Connect the inductor to SW to complete the converter.
3
VIN
Supply voltage. The MP2172C operates from a +2.38V to +5.5V unregulated input.
A decoupling capacitor is needed to prevent large voltage spikes from appearing at
the input.
4
EN
On/off control.
5
FB
Feedback. An external resistor divider from the output to GND taped to FB sets the
output voltage.
6
OUT
Output sense. OUT is the voltage power rail and input sense for the output voltage.
Connect the load to OUT. An output capacitor is needed to decrease the output
voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com