Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 2Page - MPS Industries, Inc. MP2172C Datasheet HTML 3Page - MPS Industries, Inc. MP2172C Datasheet HTML 4Page - MPS Industries, Inc. MP2172C Datasheet HTML 5Page - MPS Industries, Inc. MP2172C Datasheet HTML 6Page - MPS Industries, Inc. MP2172C Datasheet HTML 7Page - MPS Industries, Inc. MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. MP2172C Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
6
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 3.6V, VOUT = 1.2V, L = 1µH, COUT = 22µF, TA = +25°C, unless otherwise noted.
Quiescent Current vs. Input Voltage
Shutdown Current vs. Input Voltage
VEN = 0V
0
0.2
0.4
0.6
0.8
1
2
3456
Input  Voltage(V)
Quiescent
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
23456
Input Voltage (V)
Load Regulation vs. Output Current
Line Regulation vs. Output Current
‐1.00
‐0.75
‐0.50
‐0.25
0.00
0.25
0.50
0.75
1.00
00.5
11.5
22.5
Output  Current  (A)
Vout=1.2V
‐0.50
‐0.40
‐0.30
‐0.20
‐0.10
0.00
0.10
0.20
0.30
0.40
0.50
22.5
33.5
44.5
55.5
6
Input  Voltage (V)
Iout=2A
Iout=0.3A
TRISING vs. Output Current
VIN = 5V
Efficiency vs. Output Current
VIN=5V, L=1μH (DCR=27mΩ)
0
5
10
15
20
25
00.5
1
1.5
22.5
Output  Current  (A)
Vout=3.3V
Vout=1.2V
0
10
20
30
40
50
60
70
80
90
100
00.5
1
1.5
2
Output Current (A)
Vin=5V,Vo=1.2V
Vin=5V,Vo=1.8V
Vin=5V,Vo=2.5V
Vin=5V,Vo=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com