Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP2172C Datasheet HTML 1Page - MPS Industries, Inc. MP2172C Datasheet HTML 2Page - MPS Industries, Inc. MP2172C Datasheet HTML 3Page - MPS Industries, Inc. MP2172C Datasheet HTML 4Page - MPS Industries, Inc. MP2172C Datasheet HTML 5Page - MPS Industries, Inc. MP2172C Datasheet HTML 6Page - MPS Industries, Inc. MP2172C Datasheet HTML 7Page - MPS Industries, Inc. MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
5
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, TJ = -40°C to +125°C (6), typical value is tested at TJ = +25°C. Over-temperature limit is
guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
EN turn-on delay
EN on to SW active
150
μs
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
Output discharge resistor
RDIS
VEN = 0V, VOUT = 1.2V
200
EN input current
VEN = 2V
1.2
μA
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, TJ = +25°C
0
1
μA
Supply current (quiescent)
VEN = 2V, VFB = 0.63V,
VIN = 5V, TJ = +25°C
450
μA
Output over-voltage
threshold
VOVP
110%
115%
120%
VFB
VOUT OVP hysteresis
VOVP_HYS
10%
VFB
OVP delay
12
μs
Low-side current
Current flow from SW to GND
1.5
A
Absolute VIN OVP
After VOUTOVP enables
6.1
V
Absolute VIN OVP
hysteresis
400
mV
Thermal shutdown (7)
160
°C
Thermal hysteresis (7)
30
°C
Notes:
6) Guaranteed by over-temperature correlation, not tested in production.  
7) Guaranteed by engineering sample characterization. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com