Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 9Page - MPS Industries, Inc. MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. MP2172C Datasheet HTML 15Page - MPS Industries, Inc. MP2172C Datasheet HTML 16Page - MPS Industries, Inc. MP2172C Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
13
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant-
On -Time
Pulse
PWM
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
COMP
+
-
VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft Start
GND
OUT
PWM
oc
E.A.
+
-
+
Ramp
Generator
COMP
+
-
VOUT
RST
SW
VTH
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com