Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. MP2172C Datasheet HTML 15Page - MPS Industries, Inc. MP2172C Datasheet HTML 16Page - MPS Industries, Inc. MP2172C Datasheet HTML 17Page - MPS Industries, Inc. MP2172C Datasheet HTML 18Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
15
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application section on
page 17). Select a feedback resistor (R1) value
to reduce the VOUT leakage current, typically
between 100kΩ and 200kΩ. There is no strict
requirement on the feedback resistor. An R1
value greater than 10kΩ is reasonable for
applications. R2 can then be calculated with
Equation (2):
OUT
R1
R2
V
1
0.6
(2)
Figure 9 shows the feedback circuit.
R1
R2
VOUT
FB
MP2172C
Figure 9: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
Most applications work best with a 1µH to
2.2µH inductor. Select an inductor with a DC
resistance
less
than
50mΩ
to
optimize
efficiency.
A high-frequency, switch-mode power supply
with a magnetic device has strong electronic
magnetic inference (EMI). Any unshielded
power inductors should be avoided. Metal alloy
or multiplayer chip power inductors are ideal
shielded
inductors
since
they
decrease
interference effectively.
Table 2 lists some recommended inductors.
Table 2: Suggested Inductor List
Manufacturer P/N
Inductance
(μH)
Manufacturer
PIFE25201B-
1R0MS
1.0
CYNTEC CO.
LTD.
74437324010
1.0
Wurth
For most designs, estimate the inductance
value with Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (4):
L
L(MAX )
LOAD
I
II
2

(4)
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC current to the converter while maintaining
the DC input voltage. Use low-ESR capacitors
for the best performance. Ceramic capacitors
with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 22µF capacitor is sufficient.
Higher output voltages may require a 44μF
capacitor to increase system stability.
The input capacitor requires an adequate ripple
current rating since it absorbs the input
switching current. Estimate the RMS current in
the input capacitor with Equation (5):
OUT
OUT
C1
LOAD
IN
IN
VV
II
1
VV






(5)
The worst-case scenario occurs at VIN = 2VOUT,
calculated with Equation (6):
LOAD
C1
I
I
2
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com