Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP2172C Datasheet HTML 1Page - MPS Industries, Inc. MP2172C Datasheet HTML 2Page - MPS Industries, Inc. MP2172C Datasheet HTML 3Page - MPS Industries, Inc. MP2172C Datasheet HTML 4Page - MPS Industries, Inc. MP2172C Datasheet HTML 5Page - MPS Industries, Inc. MP2172C Datasheet HTML 6Page - MPS Industries, Inc. MP2172C Datasheet HTML 7Page - MPS Industries, Inc. MP2172C Datasheet HTML 8Page - MPS Industries, Inc. MP2172C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2172C
5.5V, 2A, Sync Step-Down Converter
with Output Discharge
in UTQFN Package
MP2172C Rev.1.0
www.MonolithicPower.com
1
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP2172C is a monolithic, step-down,
switch-mode converter with built-in internal
power MOSFETs. It achieves 2A of continuous
output current from a 2.38V to 5.5V input
voltage range with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
The constant-on-time (COT) control scheme
provides fast transient response and eases loop
stabilization. Fault protections include cycle-by-
cycle current limiting and thermal shutdown.
The MP2172C is ideal for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
The MP2172C requires a minimal number of
readily available, standard external components,
and is available in ultra-small 1.2mmx1.6mm
UTQFN packages.
FEATURES
 Fixed-Frequency PWM Mode
 1.1MHz Switching Frequency
 EN for Power Sequencing
 1% FB Accuracy
 Wide 2.38V to 5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A Output Current
 75mΩ and 45mΩ Internal Power MOSFET
Switches
 100% Duty On
 Output Discharge
 VOUT Over-Voltage Protection (OVP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Available in a UTQFN (1.2mmx1.6mm)
Package
APPLICATIONS
 Wireless/Networking Cards
 Portable Instruments
 Battery-Powered Devices
 Low-Voltage I/O System Power
 Multi-Function Printers
 Solid-State Drives
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
Efficiency vs. Output Current
VIN=5V, L=1μH (DCR=27mΩ)
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
2
Output Current (A)
Vin=5V,Vo=1.2V
Vin=5V,Vo=1.8V
Vin=5V,Vo=2.5V
Vin=5V,Vo=3.3V


Similar Part No. - MP2172C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
MP2172GJ MPS-MP2172GJ Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
More results

Similar Description - MP2172C

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Texas Instruments
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Monolithic Power System...
MP2192 MPS-MP2192 Datasheet
1Mb / 22P
2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
Rev. 1.0 5/12/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com