Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172C Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP2172C
Description  5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2172C Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP2172C Datasheet HTML 10Page - MPS Industries, Inc. MP2172C Datasheet HTML 11Page - MPS Industries, Inc. MP2172C Datasheet HTML 12Page - MPS Industries, Inc. MP2172C Datasheet HTML 13Page - MPS Industries, Inc. MP2172C Datasheet HTML 14Page - MPS Industries, Inc. MP2172C Datasheet HTML 15Page - MPS Industries, Inc. MP2172C Datasheet HTML 16Page - MPS Industries, Inc. MP2172C Datasheet HTML 17Page - MPS Industries, Inc. MP2172C Datasheet HTML 18Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP2172C – 2A, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172C Rev.1.0
www.MonolithicPower.com
14
4/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP2172C uses constant-on-time (COT)
control with input voltage feed-forward to
stabilize the switching frequency over the entire
input range. The part achieves 2A of continuous
output current from a 2.38V to 5.5V input
voltage range with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
Constant-On-Time (COT) Control
Constant-on-time (COT) control offers a simpler
control loop and faster transient response than
fixed-frequency pulse-width modulation (PWM)
control. By using input voltage feed-forward, the
MP2172C
maintains
a
nearly
constant
switching frequency across the input and output
voltage ranges. The switching pulse on time
can be estimated with Equation (1):
OUT
ON
IN
V
t0.91 s
V

(1)
To prevent inductor current runaway during the
load transient, the MP2172C has a fixed
minimum off time of 100ns.
Force PWM Operation
The MP2172C works in continuous current
mode (CCM) to achieve a smaller VO ripple,
load regulation, and load transient in full-load
range.
Enable (EN)
If the input voltage is greater than the under-
voltage lockout (UVLO) threshold (typically
2.3V), the MP2172C can be enabled by pulling
EN higher than 1.2V. Leave EN floating or pull
EN down to ground to disable the MP2172C.
There is an internal 1MΩ resistor from EN to
ground.
When the device is disabled, the MP2172C
enters output discharge mode automatically. Its
internal discharge MOSFET provides a resistive
discharge path for the output capacitor.
Soft Start (SS)
The MP2172C has a built-in soft start that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft-
start time is typically about 0.5ms.
Current Limit
The MP2172C has a typical minimum 2.8A
high-side switch current limit. When the high-
side switch reaches its current limit, the
MP2172C remains in hiccup mode until the
current drops. This prevents the inductor
current from continuing to rise and damaging
components.
Short Circuit and Recovery
The MP2172C enters short-circuit protection
(SCP) mode when it reaches its current limit,
and attempts to recover with hiccup mode. The
part
disables
the
output
power
stage,
discharges
the
soft-start
capacitor,
and
attempts to soft start again automatically. If the
short-circuit condition remains after the soft
start ends, the MP2172C repeats this cycle until
the short circuit is removed and the output rises
back to the regulation level.
Over-Voltage Protection (OVP)
The MP2172C monitors the feedback voltage to
detect over-voltage. When the feedback voltage
(VFB) exceeds 115% of the target voltage, the
controller enters a dynamic regulation period.
During this period, the low-side MOSFET (LS-
FET) turns on until the low-side current drops to
-1.5A. This discharges the output to keep it
within the normal range. If the over-voltage
condition still remains, the LS-FET turns on
again after a 1µs delay. The MP2172C exits
this regulation period when VFB falls below
105% of the reference voltage. If the dynamic
regulation cannot limit the increasing VOUT, once
the input detects the 6.1V input, over-voltage
protection (OVP) occurs. The MP2172C stops
switching until the input voltage drops below
5.7V, and then the part resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com