Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2172 Datasheet HTML 1Page - Monolithic Power Systems MP2172 Datasheet HTML 2Page - Monolithic Power Systems MP2172 Datasheet HTML 3Page - Monolithic Power Systems MP2172 Datasheet HTML 4Page - Monolithic Power Systems MP2172 Datasheet HTML 5Page - Monolithic Power Systems MP2172 Datasheet HTML 6Page - Monolithic Power Systems MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
4
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TJ = -40°C to +125°C (6), unless otherwise noted, typical values are at TJ = +25°C.
Parameter
Symbol Condition
Min
Typ
Max
Units
Power good delay
PGD
30
110
200
μs
Power good sink current
capability
VPG-L
Sink 1mA
250
400
mV
Power good logic high
voltage
VPG-H
VIN = 5V, VFB = 0.6V
4.85
V
Power good internal pull-up
resistor
RPG
200
500
800
kΩ
Under-voltage lockout
threshold rising
2.0
2.2
2.4
V
Under-voltage lockout
threshold hysteresis
150
mV
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
EN input current
VEN = 0V
0.1
0.2
μA
VEN = 2V
2
4
μA
Thermal shutdown (5)
170
°C
Thermal hysteresis (5)
30
°C
NOTE:
5) Not tested in production. Guaranteed by design and characterization.
6) Not tested in production and guaranteed by over-temperature correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com