Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2172 Datasheet HTML 9Page - Monolithic Power Systems MP2172 Datasheet HTML 10Page - Monolithic Power Systems MP2172 Datasheet HTML 11Page - Monolithic Power Systems MP2172 Datasheet HTML 12Page - Monolithic Power Systems MP2172 Datasheet HTML 13Page - Monolithic Power Systems MP2172 Datasheet HTML 14Page - Monolithic Power Systems MP2172 Datasheet HTML 15Page - Monolithic Power Systems MP2172 Datasheet HTML 16Page - Monolithic Power Systems MP2172 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
14
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. The feedback resistor (R1) must
account for both stability and dynamic response
and therefore cannot be too large or too small.
Choose R1 to be around 41.2kΩ. R2 can then
be calculated with Equation (2):
out
R1
R2
V
1
0.6
(2)
The feedback circuit is shown in Figure 2.
R1
VOUT
R2
MP2172
FB
Figure 2: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
41.2 (1%)
60.4 (1%)
1.2
41.2 (1%)
41.2 (1%)
1.8
41.2 (1%)
20.5 (1%)
3.3
41.2 (1%)
9.09 (1%)
Selecting the Inductor
A 0.47 - 1.5µH inductor is recommended for
most applications. For the highest efficiency,
choose an inductor with a DC resistance less
than 15mΩ. For most designs, the inductance
value can be derived from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (4):
L
L(MAX)
LOAD
I
II
2

(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because of their low ESR values and small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. For higher output
voltages, use a 47μF capacitor to improve
system stability.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (6):
2
I
I
LOAD
1
C 
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high-quality, ceramic
capacitor (0.1μF) as close to the IC as possible.
When using ceramic capacitors, ensure that
they have enough capacitance to prevent
excessive voltage ripple at the input. The input
voltage ripple caused by the capacitance can
be estimated with Equation (7):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com