Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2172 Datasheet HTML 9Page - Monolithic Power Systems MP2172 Datasheet HTML 10Page - Monolithic Power Systems MP2172 Datasheet HTML 11Page - Monolithic Power Systems MP2172 Datasheet HTML 12Page - Monolithic Power Systems MP2172 Datasheet HTML 13Page - Monolithic Power Systems MP2172 Datasheet HTML 14Page - Monolithic Power Systems MP2172 Datasheet HTML 15Page - Monolithic Power Systems MP2172 Datasheet HTML 16Page - Monolithic Power Systems MP2172 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
13
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP2172 uses constant-on-time (COT)
control with input voltage feed-forward to
stabilize the switching frequency over its entire
input range. The MP2172 achieves up to 2A of
continuous output current from a 2.5V to 5.5V
input voltage with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
Constant-On-Time (COT) Control
Compared
to
fixed-frequency
pulse-width
modulation (PWM) control, constant-on-time
(COT) control offers a simpler control loop and
faster transient response. By using input
voltage feed-forward, the MP2172 maintains a
nearly constant switching frequency across the
entire input and output voltage range. The
switching pulse on time can be estimated with
Equation (1):
Ton(µs)=VOUT/VIN×0.33+0.03µs
(1)
Where 0.03µs is the loop delay.
For the specific value of the on time, refer to the
EC table on page 3.
To prevent inductor current runaway during the
load transient, the MP2172 implements a
minimum off time in each cycle. This minimum
off time limit does not affect the operation of the
MP2172 in steady state in any way.
Enable (EN)
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold (typically
2.2V), the MP2172 is enabled by pulling the
enable pin (EN) above 1.2V. Float EN or
connect EN to ground to disable the MP2172.
There is an internal 1MΩ resistor from EN to
ground.
Soft-Start/Soft-Stop
The MP2172 has a built-in soft start that ramps
up the output voltage at a constant slew rate to
avoid overshooting during start-up. The soft-
start time is about 1.3ms, typically. When
disabled, the MP2172 ramps down the internal
reference voltage to allow the load to discharge
the output linearly.
Power Good (PG) Indicator
The MP2172 has an open drain with a 500kΩ
pull-up resistor pin for power good indication
(PG). When FB is within ±10% of the regulation
voltage (0.6V), PG is pulled up to VIN by the
internal resistor. If the FB voltage is outside the
±10% window, PG is pulled to ground by an
internal MOSFET.
Current Limit
The MP2172 has a 4.5A current limit for the
high-side switch (HS-FET). When the HS-FET
reaches its current limit, the MP2172 enters
hiccup mode until the current drops to prevent
the inductor current from building and damaging
the components.
Short Circuit and Recovery
The MP2172 enters short-circuit protection
(SCP) mode when it reaches the current limit
and attempts to recover from the short circuit
with hiccup mode. In SCP, the MP2172
disables the output power stage, discharges a
soft-start capacitor, and then enacts a soft-start
procedure. If the short-circuit condition still
remains after the soft start ends, the MP2172
repeats this operation until the short circuit is
removed and the output rises back to the
regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com