Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2172 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2172
Description  5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2172 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2172 Datasheet HTML 7Page - Monolithic Power Systems MP2172 Datasheet HTML 8Page - Monolithic Power Systems MP2172 Datasheet HTML 9Page - Monolithic Power Systems MP2172 Datasheet HTML 10Page - Monolithic Power Systems MP2172 Datasheet HTML 11Page - Monolithic Power Systems MP2172 Datasheet HTML 12Page - Monolithic Power Systems MP2172 Datasheet HTML 13Page - Monolithic Power Systems MP2172 Datasheet HTML 14Page - Monolithic Power Systems MP2172 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP2172 – 5.5V, 2A, 2.6MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2172 Rev. 1.0
www.MonolithicPower.com
11
4/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
PG
Power good indicator. The output of PG is an open drain that connects to VIN via an
internal pull-up resistor. PG goes high if the output voltage is within ±10% of the nominal
voltage.
2
VIN
Input supply. The MP2172 operates from a 2.5V to 5.5V input rail. A capacitor (C1)
prevents large voltage spikes from appearing at the input.
3
SW
Switch output. SW is the output of the internal power switch.
4
PGND
Power ground. PGND is the reference ground of the power device and requires careful
consideration during PCB layout. For best results, connect PGND with copper pours and
vias.
5
OUT
Input sense. OUT is for the output voltage feedback.
6
AGND Analog ground. AGND is the reference ground of the internal control circuit.
7
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to AGND
to set the output voltage.
8
EN
Enable. Pull EN high to enable the MP2172. Float EN or connect EN to ground to disable
the MP2172.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com