Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL6961 Datasheet (PDF) - ON Semiconductor

FL6961 Datasheet PDF - ON Semiconductor
Part # FL6961
Download  FL6961 Download
File Size   456.7 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Stage Flyback and Boundary Mode PFC Controller for Lighting

FL6961 Datasheet (PDF)

Go To PDF Page Download Datasheet
FL6961 Datasheet PDF - ON Semiconductor

Part # FL6961
Download  FL6961 Click to download

File Size   456.7 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Stage Flyback and Boundary Mode PFC Controller for Lighting

FL6961 Datasheet (HTML) - ON Semiconductor


FL6961 Product details

Description
The FL6961 is a general lighting power controller for low- to high-power lumens applications requiring power factor correction. It is designed for flyback or boost converter operating in Boundary Mode.
The FL6961 provides a controlled on-time to regulate the output DC voltage and achieves natural power factor correction (PFC). The maximum on-time of the external switch is programmable to ensure safe operation during AC brownouts. An innovative multi-vector error amplifier provides rapid transient response and precise output voltage clamping. A built-in circuit disables the controller if the output feedback loop is opened. The startup current is lower than 20µA and the operating current is less than 6mA. The supply voltage can be up to 25V, maximizing application flexibility.

Features
■ Boundary Mode PFC Controller
■ Low Input Current THD
■ Controlled On-Time PWM
■ Zero-Current Detection
■ Cycle-by-Cycle Current Limiting
■ Leading-Edge Blanking Instead of RC Filtering
■ Low Startup Current: 10µA Typical
■ Low Operating Current: 4.5mA Typical
■ Feedback Open-Loop Protection
■ Programmable Maximum On-Time (MOT)
■ Output Over-Voltage Clamping Protection
■ Clamped Gate Output Voltage: 16.5V

Applications
■ General LED Lighting
■ Industrial, Commercial and Residential Fixtures
■ Outdoor Lighting: Street, Roadway, Parking, Construction, and Ornamental LED Lighting




Similar Part No. - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
465Kb / 13P
Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
390Kb / 11P
Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
FL6961MY FAIRCHILD-FL6961MY Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
More results


Similar Description - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
Boundary Mode PFC Controller
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Fairchild Semiconductor
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
Single-Stage Flyback and Boundary-Mode PFC
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
Single Stage Flyback And PFC Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
PSR and Single Stage PFC Controller for LED Lighting
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com