Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44010 Datasheet (PDF) - Monolithic Power Systems

MP44010 Datasheet PDF - Monolithic Power Systems
Part # MP44010
Download  MP44010 Download
File Size   416.25 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Boundary Mode PFC Controller

MP44010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP44010 Datasheet PDF - Monolithic Power Systems

Part # MP44010
Download  MP44010 Click to download

File Size   416.25 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Boundary Mode PFC Controller

MP44010 Datasheet (HTML) - Monolithic Power Systems


MP44010 Product details

DESCRIPTION
The MP44010 is a boundary conduction mode PFC controller which can provide simple and high performance active power factor correction using minimum external components.
   
FEATURES
• Boundary Conduction Mode PFC Controller
    for Pre-regulator
• Zero-crossing Compensation to Minimum
    THD of AC Input Current
• Precise Adjustable Output Over-voltage
    Protection
• Ultra-low (15μA) Start-up Current.
• Low (0.46mA) Quiescent Current
• On-chip Filter on Current Sense Pin
    • Disable Function
• -600/+800mA Peak Gate Drive Current
• Available in SOIC8 and DIP-8 Packages
   
APPLICATIONS
• Offline Adaptor
• Electronic Ballast
• LLC Front End
• Other PFC Pre-regulators
   




Similar Part No. - MP44010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
logo
Monolithic Power System...
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
MP44011HS MPS-MP44011HS Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
More results


Similar Description - MP44010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
Boundary Mode PFC Controller
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
Single-Stage Flyback and Boundary-Mode PFC
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
Monolithic Power System...
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Monolithic Power System...
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com