Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44010 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP44010
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP44010 Datasheet HTML 1Page - Monolithic Power Systems MP44010 Datasheet HTML 2Page - Monolithic Power Systems MP44010 Datasheet HTML 3Page - Monolithic Power Systems MP44010 Datasheet HTML 4Page - Monolithic Power Systems MP44010 Datasheet HTML 5Page - Monolithic Power Systems MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
2
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Junction Temperature (TJ)
MP44010HS*
SOIC8
MP44010
-40
°C to +125°C
MP44010HP**
DIP8
MP44010
-40
°C to +125°C
* For Tape & Reel, add suffix –Z (e.g. MP44010HS–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP44010HS–LF–Z)
**
For RoHS compliant packaging, add suffix –LF (e.g. MP44010HP–LF)
PACKAGE REFERENCE
FB
COMP
MULT
CS
VIN
GATE
GND
ZCS
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ..........................-0.5V to 22V
Analog Inputs and Outputs ...............-0.3V to 8V
ZCS Max. current.......................-50mA to 10mA
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC8 ........................................................ 1.4W
DIP8…………………………………………..1.2W
Junction Temperature………………… …..150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature............... -55
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .........................13.4V to 22V
Analog inputs and outputs .............-0.3V to 6.5V
Maximum Junction Temp. (TJ). ...............+125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................90 ...... 45 ...
°C/W
DIP8 .......................................105 ..... 45 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
D(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com