Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44010 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP44010
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP44010 Datasheet HTML 3Page - Monolithic Power Systems MP44010 Datasheet HTML 4Page - Monolithic Power Systems MP44010 Datasheet HTML 5Page - Monolithic Power Systems MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems MP44010 Datasheet HTML 10Page - Monolithic Power Systems MP44010 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
7
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are generated using the evaluation board built with design example on
page 11. Vac=220V, VOUT=400V, POUT=100W, TA=25
oC, unless otherwise noted.
VOUT
AC Coupled
10V/div.
IL
1A/div.
Steady State
POUT=100W
VREC
200V/div.
VOUT
AC Coupled
10V/div.
IL
1A/div.
VREC
200V/div.
VOUT
AC Coupled
10V/div.
IL
1A/div.
VREC
200V/div.
Steady State
POUT=50W
Steady State
POUT=0W
VOUT
200V/div.
VREC
100V/div.
Iac
10A/div.
VOUT
200V/div.
VREC
100V/div.
Iac
2A/div.
Startup
Shutdown
VGATE
20V/div.
VZCS
50V/div.
IL
1A/div.
Zero-current Sensing
VREC
10V/div.
VGATE
20V/div.
IL
1A/div.
Zero-crossing Compensation
Vac=85V
Harmonics
0
5
10
15
20
25
30
35
311
19
27
35
HARMONIC ORDER
MP44010 Design Example
IEC1000-3-2 Class C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com