Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44010 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP44010
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP44010 Datasheet HTML 1Page - Monolithic Power Systems MP44010 Datasheet HTML 2Page - Monolithic Power Systems MP44010 Datasheet HTML 3Page - Monolithic Power Systems MP44010 Datasheet HTML 4Page - Monolithic Power Systems MP44010 Datasheet HTML 5Page - Monolithic Power Systems MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
3
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 15V, TA = TJ = +25°C, unless otherwise noted
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
VIN
After turn on
10.7
22
V
Turn On Threshold
VIN_on
11
12.4
13.4
V
Turn Off Threshold
VIN_off
8.7
9.8
10.7
V
Hysteresis
VIN_hys
2.2
3
V
Zener Voltage
Vz
IIN=20mA
22
25
28
V
Supply Current
Start-up Current
Istartup
VIN=11V
15
40
µA
Quiescent Current
Iq
No switch
0.46
0.65
mA
Operating Current
Icc
Fs =70kHz, CLOAD=1nF
1.6
2.5
mA
Multiplier
Input Bias Current
IMULT
-1
µA
Linear Operation Range
VMULT
0 to 3
V
Output Max. Slope
ΔVCS/ΔVMULT
1.62
1.85
V/V
Gain
(5)(6)
K
0.64
0.82
1/V
Error Amplifier
Feedback Voltage
VFB
2.465
2.5
2.535
V
Feedback
Voltage
Line
Regulation
VFB_LR
VIN=10.7V to 22V
2
5
mV
Feedback Bias Current
IFB
0.2
µA
Open Loop Voltage Gain
GV
60
80
dB
Gain-Bandwidth Product
GB
1
MHz
Source Current
ICOMP_source
-2
-4
-5
mA
Sink Current
ICOMP_sink
2.5
5.5
mA
Upper Clamp Voltage
VCOMP_H
5.3
6
6.6
V
Lower Clamp Voltage
VCOMP_L
2.
2.2
2.4
V
Current Sense Comparator
Input Bias Current
ICS
-1
µA
Delay
TDT
300
450
ns
Current Sense Clamp Voltage
VCS_Clamp
1.6
1.72
1.83
V
VMULT=0V
30
mV
Current Sense Offset
VCS_Offset
VMULT=2.5V
5
mV
Zero Current Sensor
Upper Clamp Voltage
VZCSclamp_H IZCS=2.5mA
7.2
7.8
8.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com