Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28398 Datasheet (PDF) - Synaptics Incorporated.

CX28398 Datasheet PDF - Synaptics Incorporated.
Part # CX28398
Download  CX28398 Download
File Size   1893.16 Kbytes
Page   305 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Quad/x16/Octal-T1/E1/J1 Framers

CX28398 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX28398 Datasheet PDF - Synaptics Incorporated.

Part # CX28398
Download  CX28398 Click to download

File Size   1893.16 Kbytes
Page   305 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Quad/x16/Octal-T1/E1/J1 Framers

CX28398 Datasheet (HTML) - Synaptics Incorporated.


CX28398 Product details

Quad/x16/Octal—T1/E1/J1 Framers



The CX28394/28395/28398 is a family of multiple framers for T1/E1/J1 and Integrated Service Digital Network (ISDN) primary rate interfaces operating at 1.544 Mbps or 2.048 Mbps. All framers are totally independent, and each combines a sophisticated framing synchronizer and transmit/receive slip buffers. Operations are controlled through a series of memory-mapped registers accessible via a parallel microprocessor port. Extensive register support is provided for alarm and error monitoring, signaling supervision (including ISDN D-channel/SS7 process), per-channel trunk conditioning, and Facility Data Link (FDL) maintenance. A flexible serial Time Division Multiplexed (TDM) system interface that supports bus rates from 1.536 to 8.192 MHz is featured.

Extensive test and diagnostic functions include a full set of loopbacks, Pseudo Random Bit Sequence (PRBS) test pattern generation, Bit Error Rate (BER) meter, and forced error insertion.



Distinguishing Features

• Up to 16 T1/E1/J1 Framers in one package

• Extensive support of various protocols

• T1: SF, ESF, SLC®96, T1DM, TTC JT(J1)

• E1: PCM-30, G.704, G.706, G.732, ISDN primary rate (ETS300 011, INS 500)

• Extracts and inserts signaling bits

• Dual HDLC controllers per framer for data link and LAPD/SS7 signaling

• Two-frame transmit and receive PCM slip buffers

• Separate or multiplexed system bus interfaces

• Parallel 8-bit microprocessor port supports Intel or Motorola buses

• BERT generation and counting

• B8ZS/HDB3/Bit 7 zero suppression (CX28394 and CX28398 only)

• Operates from a single +3.3 Vdc ±5% power supply

• Low-power CMOS technology



Applications

• Multiline T1/E1 Channel Service Unit/Data Service Unit (CSU/DSU)

• Digital Access Cross-Connect System (DACS)

• T1/E1 Multiplexer (MUX)

• PBXs and PCM channel bank

• ISDN Primary Rate Access (PRA)

• Frame Relay Switches and Access Devices (FRADS)

• SONET/SDH add/drop multiplexers

• T3/E3 channelized access concentrators




Similar Part No. - CX28398

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX28331 CONEXANT-CX28331 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-1X CONEXANT-CX28331-1X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-3X CONEXANT-CX28331-3X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332 CONEXANT-CX28332 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332-1X CONEXANT-CX28332-1X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
More results


Similar Description - CX28398

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
Octal T1/E1/J1 Transceiver
logo
M/A-COM Technology Solu...
28392-BRF-001-A MA-COM-28392-BRF-001-A Datasheet
108Kb / 4P
Quad/x16/Octal T1/E1/J1 Framers
28392-BRF-001-A MA-COM-28392-BRF-001-A_15 Datasheet
108Kb / 4P
Quad/x16/Octal T1/E1/J1 Framers
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com