Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT1566 Datasheet (PDF) - SiTime Corp.

SIT1566 Datasheet PDF - SiTime Corp.
Part # SIT1566
Download  SIT1566 Download
File Size   833.78 Kbytes
Page   9 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO

SIT1566 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT1566 Datasheet PDF - SiTime Corp.

Part # SIT1566
Download  SIT1566 Click to download

File Size   833.78 Kbytes
Page   9 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO

SIT1566 Datasheet (HTML) - SiTime Corp.




Similar Part No. - SIT1566

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1568 SITIME-SIT1568 Datasheet
826Kb / 12P
1.2mm2Micropower, 5 ppm, 32.768 kHz TCXO with In-System Auto-Calibration
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
More results


Similar Description - SIT1566

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS Datasheet
366Kb / 2P
low consumption 32.768 kHz
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1552 SITIME-SIT1552 Datasheet
727Kb / 11P
Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
SIT1568 SITIME-SIT1568 Datasheet
826Kb / 12P
1.2mm2Micropower, 5 ppm, 32.768 kHz TCXO with In-System Auto-Calibration
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
SIT1576 SITIME-SIT1576 Datasheet
1Mb / 10P
1.2mm2 uPower, Low-Jitter, 1Hz - 2.5 MHz Super-TCXO
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com