Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT1568 Datasheet (PDF) - SiTime Corp.

SIT1568 Datasheet PDF - SiTime Corp.
Part # SIT1568
Download  SIT1568 Download
File Size   826.43 Kbytes
Page   12 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1.2mm2Micropower, 5 ppm, 32.768 kHz TCXO with In-System Auto-Calibration

SIT1568 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT1568 Datasheet PDF - SiTime Corp.

Part # SIT1568
Download  SIT1568 Click to download

File Size   826.43 Kbytes
Page   12 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1.2mm2Micropower, 5 ppm, 32.768 kHz TCXO with In-System Auto-Calibration

SIT1568 Datasheet (HTML) - SiTime Corp.




Similar Part No. - SIT1568

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
More results


Similar Description - SIT1568

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG-3530SA ETC1-TG-3530SA Datasheet
134Kb / 1P
Built-in 32.768 kHz crystal oscillator with high accuracy.
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X_14 Datasheet
167Kb / 2P
32.768 KHz TUNING FORK
logo
Epson Company
TG-3530SA EPSON-TG-3530SA Datasheet
353Kb / 2P
Built-in 32.768 kHz crystal oscillator with high accuracy.
logo
SiTime Corp.
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
logo
Epson Company
TG-3541CE EPSON-TG-3541CE Datasheet
702Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
TG-3541CEA EPSON-TG-3541CEA Datasheet
707Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com