Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5510 Datasheet (PDF) - STMicroelectronics

L5510 Datasheet PDF - STMicroelectronics
Part # L5510
Download  L5510 Download
File Size   53.98 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP DRIVE MANAGER AND DISK DRIVE CONTROLLER

L5510 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5510 Datasheet PDF - STMicroelectronics

Part # L5510
Download  L5510 Click to download

File Size   53.98 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP DRIVE MANAGER AND DISK DRIVE CONTROLLER

L5510 Datasheet (HTML) - STMicroelectronics


L5510 Product details

DESCRIPTION
The Device is a highly integrated, automated single-chip Drive Manager and Disk Drive Controller IC designed for high-performance, headerless ATA drive applications. Figure 2 shows the chip’s main functional blocks.

ATA Host Interface Block
■ Synchronous DMA (modes 0-4)
■ Fast IDE PIO modes 0-4
■ ATA Multiword DMA modes 0-2; supports 60 ns cycle time
■ Basic level of ATAPI support
■ IORDY for PIO flow control
■ Automatic ATA R/W command execution
■ Automatic ATA task file updates
■ 128-byte host FIFO to/from buffer
■ LBA or CHS TASK File Modes
■ Read/write cache support with interrupt suppression
■ Programmable IRQ automation for different BIOS implementations
■ Provides logic for daisy chaining two embedded disk drive controllers
■ Full BIOS compatibility
■ On-chip selectable 4/8/12 mA host drivers

DSP Core
■ 60 MIPS operation
■ 16-bit, fixed-point DSP
■ 16x16-bit, 2’s complement parallel multiplier with 32-bit product
■ Single-cycle multiply and accumulate
■ 36-bit ALU with two 36-bit accumulators
■ Bit manipulation unit with 2 additional accumulators
■ 6 K words on-chip RAM

Buffer Controller Block
■ 16-bit wide buffer data bus
■ 16 Mbit x 16 SDRAM support; up to 150 Mbyte/s buffer bandwidth
■ Automated Data Flow Management (ADFM) automates disk/host transfers
■ Dynamic segment size switching
■ Auto-Write cache support
■ Automatic servo split address adjustment
■ Disk LBA counter

EDAC Block
■ Optimized ECC with up to six burst on-the-fly (OTF) correction
■ Programmable 480-bit Reed-Solomon code
■ Programmable 3-, 4-, or 5-way interleaving with 6 to 12 8-bit symbols per interleave
■ Optional 3 or 5 byte CRC support
■ Guarantee up to 233-bit single burst or six 33-bit bursts OTF correction in <3 sector time
■ ECC seeding validating servo and head track position
■ AIC-8381 polynomial support for backward compatibility

Disk Controller Block
■ Enhanced Headerless Architecture (EDSA)
■ Up to 450 Mbits/s data rate, byte-wide NRZ
■ 31 x 3 byte flexible high-speed RAM- based sequencer
■ Defect skipping and/or embedded servo capabilities with Constant Density Recording (CDR)
■ 128-byte disk FIFO to/from buffer
■ Disk error condition summary bit added to reduce error detection time
■ Three-index timer
■ MR and PRML channel support

Servo Block
■ Automatic internal sector mark generation
■ Programmable servo burst sequencer
■ Programmable servo timing mark sequencer
■ Flexible gating and control generation
■ User programmable control output pins
■ Allows servo format flexibility
■ Synchronous servo support

Other Features
■ 208-pin QFP package
■ Automatic and programmed power-down modes
■ 3.3 V I/Os with 5 V tolerance, 2.5 V logic core
■ Programmable read channel and preamp VCM serial interfaces
■ Dual on-chip frequency synthesizers optimize DSP, servo, Ultra-DMA and buffer performance
■ General purpose I/O and PWM pins
■ Programmable baud-rate RS232 interface




Similar Part No. - L5510

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L551 CRYDOM-L551 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L55120F ETC2-L55120F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
L551F ETC2-L551F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L551F CRYDOM-L551F Datasheet
585Kb / 4P
Power Modules
More results


Similar Description - L5510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
Cirrus Logic
CL-CR3710 CIRRUS-CL-CR3710 Datasheet
728Kb / 26P
Integrated AVI/ATAPI DVD Drive Manager
rev 0.1 April 11 2002
CL-CS3712 CIRRUS-CL-CS3712 Datasheet
728Kb / 26P
Integrated AVI/ATAPI DVD Drive Manager
rev 0.4 April 11, 2002
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Winbond
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
I/O chip disk drive adapter
logo
Hitachi Semiconductor
HA16640 HITACHI-HA16640 Datasheet
443Kb / 8P
WRITE/MECHANISM CONTROLLER FOR FLOPPY DISK DRIVE
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
highly integrated single chip
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
DISK DRIVE FEMALE HOUSING
logo
Hotchip Technology Co.,...
EC0050H HOTCHIP-EC0050H Datasheet
890Kb / 6P
Highly integrated electronic smoke controller can drive 0.1 - 3 Europe
EC0051H HOTCHIP-EC0051H Datasheet
909Kb / 6P
Highly integrated electronic smoke controller can drive 1 - 3 Europe.
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com