Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5510 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5510
Description  HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP DRIVE MANAGER AND DISK DRIVE CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5510 Datasheet(HTML) 1 Page - STMicroelectronics

  L5510 Datasheet HTML 1Page - STMicroelectronics L5510 Datasheet HTML 2Page - STMicroelectronics L5510 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
L5510
December 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
ATA Host Interface Block
■ Synchronous DMA (modes 0-4)
■ Fast IDE PIO modes 0-4
■ ATA Multiword DMA modes 0-2; supports 60 ns
cycle time
■ Basic level of ATAPI support
■ IORDY for PIO flow control
■ Automatic ATA R/W command execution
■ Automatic ATA task file updates
■ 128-byte host FIFO to/from buffer
■ LBA or CHS TASK File Modes
■ Read/write cache support with interrupt
suppression
■ Programmable IRQ automation for different
BIOS implementations
■ Provides logic for daisy chaining two embedded
disk drive controllers
■ Full BIOS compatibility
■ On-chip selectable 4/8/12 mA host drivers
2DSP Core
■ 60 MIPS operation
■ 16-bit, fixed-point DSP
■ 16x16-bit, 2’s complement parallel multiplier
with 32-bit product
■ Single-cycle multiply and accumulate
■ 36-bit ALU with two 36-bit accumulators
■ Bit manipulation unit with 2 additional
accumulators
■ 6 K words on-chip RAM
3
Buffer Controller Block
■ 16-bit wide buffer data bus
■ 16 Mbit x 16 SDRAM support; up to 150 Mbyte/
s buffer bandwidth
■ Automated Data Flow Management (ADFM)
automates disk/host transfers
■ Dynamic segment size switching
■ Auto-Write cache support
■ Automatic servo split address adjustment
■ Disk LBA counter
4
EDAC Block
■ Optimized ECC with up to six burst on-the-fly
(OTF) correction
■ Programmable 480-bit Reed-Solomon code
■ Programmable 3-, 4-, or 5-way interleaving with
6 to 12 8-bit symbols per interleave
■ Optional 3 or 5 byte CRC support
■ Guarantee up to 233-bit single burst or six 33-bit
bursts OTF correction in <3 sector time
■ ECC seeding validating servo and head track
position
■ AIC-8381 polynomial support for backward
compatibility
5
Disk Controller Block
■ Enhanced Headerless Architecture (EDSA)
■ Up to 450 Mbits/s data rate, byte-wide NRZ
■ 31 x 3 byte flexible high-speed RAM- based
sequencer
■ Defect skipping and/or embedded servo
capabilities with Constant Density Recording
(CDR)
■ 128-byte disk FIFO to/from buffer
■ Disk error condition summary bit added to
reduce error detection time
■ Three-index timer
■ MR and PRML channel support
6Servo Block
■ Automatic internal sector mark generation
■ Programmable servo burst sequencer
■ Programmable servo timing mark sequencer
■ Flexible gating and control generation
■ User programmable control output pins
■ Allows servo format flexibility
■ Synchronous servo support
DATA BRIEF
HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP
DRIVE MANAGER AND DISK DRIVE CONTROLLER
REV. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L5510
TFBGA240
AIC-5465-DIE
DIE
TFBGA240
DIE


Similar Part No. - L5510

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L551 CRYDOM-L551 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L55120F ETC2-L55120F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
L551F ETC2-L551F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L551F CRYDOM-L551F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L5510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
Cirrus Logic
CL-CR3710 CIRRUS-CL-CR3710 Datasheet
728Kb / 26P
Integrated AVI/ATAPI DVD Drive Manager
rev 0.1 April 11 2002
CL-CS3712 CIRRUS-CL-CS3712 Datasheet
728Kb / 26P
Integrated AVI/ATAPI DVD Drive Manager
rev 0.4 April 11, 2002
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Winbond
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
I/O chip disk drive adapter
logo
Hitachi Semiconductor
HA16640 HITACHI-HA16640 Datasheet
443Kb / 8P
WRITE/MECHANISM CONTROLLER FOR FLOPPY DISK DRIVE
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
highly integrated single chip
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
DISK DRIVE FEMALE HOUSING
logo
Hotchip Technology Co.,...
EC0050H HOTCHIP-EC0050H Datasheet
890Kb / 6P
Highly integrated electronic smoke controller can drive 0.1 - 3 Europe
EC0051H HOTCHIP-EC0051H Datasheet
909Kb / 6P
Highly integrated electronic smoke controller can drive 1 - 3 Europe.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com