Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RX3930 Datasheet (PDF) - List of Unclassifed Manufacturers

MO-RX3930 Datasheet PDF - List of Unclassifed Manufacturers
Part # MO-RX3930
Download  MO-RX3930 Download
File Size   109.01 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FSK RECEIVER MODULE

MO-RX3930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MO-RX3930 Datasheet PDF - List of Unclassifed Manufacturers

Part # MO-RX3930
Download  MO-RX3930 Click to download

File Size   109.01 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FSK RECEIVER MODULE

MO-RX3930 Datasheet (HTML) - List of Unclassifed Manufacturers


MO-RX3930 Product details

[Holy Stone Enterprise]

FSK TRANSMITTER MODULE
315/434/868/914.5 MHzFSK RECEIVER

Description
MO-RX3930-FSis an FSK receiver module. The MO-RX3930-FSis basedon a single-conversionsuper-heterodyne receiver architectureand incorporatesanentire Phase-Locked Loop(PLL) for precise local oscillator generation. It can use inOOK / HCS / PWM modulation signal and demodulate to digital signal. MO-RX3930-FShad a highperformance and easilyto design your product.
It can be usedon wireless securitysystem or specific remote-control function and others wireless system

Features
Low power consumption.
Easy for application.
On-Chip VCO with integrated PLLusing crystal oscillator reference.
Integrated IF and data filters.
Operation temperature range : ﹣20℃~+85℃
Operation voltage : 2.4~ 5 Volts.
Available frequency at :ISM Band 315 / 434 / 868 / 914MHz

Applications
Car securitysystem
Remotekeyless entry
Garage door controller
Home security
Wireless mouse
Automation system




Similar Part No. - MO-RX3930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
MO-RXLC-AS315M ETC2-MO-RXLC-AS315M Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
MO-RXLC-AS434M ETC2-MO-RXLC-AS434M Datasheet
111Kb / 4P
SUPER-REGENERATION RECEIVER MODULE
More results


Similar Description - MO-RX3930

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
Wideband FSK Receiver
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
Wideband FSK Receiver
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
FSK/OOK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
WIDEBAND FSK RECEIVER
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
Wideband FSK Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
FSK Receiver Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com