Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO-RX3930 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MO-RX3930
Description  FSK RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MO-RX3930 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MO-RX3930 Datasheet HTML 1Page - List of Unclassifed Manufacturers MO-RX3930 Datasheet HTML 2Page - List of Unclassifed Manufacturers MO-RX3930 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
禾伸堂企業股份有限公司
TEL:886-2-26596722
Holy Stone Enterprise CO.,LTD
FAX:886-2-26596720
VER2.0 2004-6-20
MO-RX3930-FS
Appicatio
antenna
. Antenna length about : 22.5cm for 315MHz
7.5cm for914mHz
iver range about 100m with MO-TX4915-F315M ( or MO-TX4915-F434M/INF-TX4915-868M/
(Tested in open space)
n
vcc
RXEN
DATA
Mark:
1
17.5cm for 434MHz
8.5cm for 868MHz
2. Rece
MO-TX4915-F914M) Module.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com