Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP40C Datasheet (PDF) - SUNMATE electronic Co., LTD

3KP40C Datasheet PDF - SUNMATE electronic Co., LTD
Part # 3KP40C
Download  3KP40C Download
File Size   914.38 Kbytes
Page   5 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE

3KP40C Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP40C Datasheet PDF - SUNMATE electronic Co., LTD

Part # 3KP40C
Download  3KP40C Click to download

File Size   914.38 Kbytes
Page   5 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE

3KP40C Datasheet (HTML) - SUNMATE electronic Co., LTD


3KP40C Product details

VOLTAGE RANGE: 5.0 - 19 0 V POWER: 3000Watts

Features
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP40C PANJIT-3KP40C Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP40C SURGE-3KP40C Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP40C FORMOSA-3KP40C Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3KP40C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5KE440A SUNMATE-1.5KE440A Datasheet
662Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESS DIODE
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
3KE5.0A SUNMATE-3KE5.0A Datasheet
643Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com