Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE486 Datasheet (PDF) - NTE Electronics

NTE486 Datasheet PDF - NTE Electronics
Part # NTE486
Download  NTE486 Download
File Size   23.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF High Frequency Amplifier

NTE486 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE486 Datasheet PDF - NTE Electronics

Part # NTE486
Download  NTE486 Click to download

File Size   23.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF High Frequency Amplifier

NTE486 Datasheet (HTML) - NTE Electronics


NTE486 Product details

Description:

The NTE486 is a silicon NPN high frequency RF transistor in a TO39 type package designed for use in 12.5V UHF large–signal applications required in industrial equipment.



Features:

• Specified 12.5V, 470MHz Characteristics:

   Output Power = 0.75W

   Minimum Gain = 8dB

   Effeciency = 50%

• S Parameter Data from 100MHz to 1GHz



 




Similar Part No. - NTE486

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE4868 NTE-NTE4868 Datasheet
21Kb / 2P
Surge Clamping, Transient Overvoltage Suppressor Unidirectional
More results


Similar Description - NTE486

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
RF AMPLIFIER TRANSISTOR NPN SILICON
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE108 NTE-NTE108 Datasheet
22Kb / 2P
Silicon NPN Transistor High Frequency Amplifier
logo
Weitron Technology
2SC3838Q WEITRON-2SC3838Q Datasheet
81Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
2SC3838 WEITRON-2SC3838 Datasheet
865Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337 Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com