Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1776 Datasheet (PDF) - List of Unclassifed Manufacturers

IL1776 Datasheet PDF - List of Unclassifed Manufacturers
Part # IL1776
Download  IL1776 Download
File Size   18.98 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER

IL1776 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1776 Datasheet PDF - List of Unclassifed Manufacturers

Part # IL1776
Download  IL1776 Click to download

File Size   18.98 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER

IL1776 Datasheet (HTML) - List of Unclassifed Manufacturers


IL1776 Product details

[INTEGRAL]

This extremely versatile operational amplifier features low power consumption and high input impedance. In addition, the quiescent currents within the device may be programmed by the choice of an external resistor value or current source applied to the Iset input. This allows the amplifier`s characteristics to be optimized for input current and power consumption despite wide variations in operating power supply voltages.

FEATURES
    Supply Operation ± 1,2 - ± 18 V
    Input Bias Current 2nA typ
    Input Offset Current 0,7 nA typ
    Input Offset Voltage 2 mV typ
    Large Signal Voltage Gain ≥ 50 k V/V
    Low Current Drain
    Wide Programming Range
    Offset Null Capability
    Short Circuit Protection
    Internally Frequency Compensated for Unity Gain




Similar Part No. - IL1776

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776 Datasheet
100Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776 IKSEMICON-IL1776 Datasheet
92Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776D IKSEMICON-IL1776D Datasheet
100Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776D IKSEMICON-IL1776D Datasheet
92Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776N IKSEMICON-IL1776N Datasheet
100Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
More results


Similar Description - IL1776

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL1776 SLS-SL1776 Datasheet
19Kb / 2P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-32 AD-OP-32 Datasheet
616Kb / 12P
High-Speed(Avcl => 10) Programmable Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
2MHz,MicropowerOperationalAmplifier
May 2001
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776 Datasheet
100Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
Micropower Programmable Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com