Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1776 Datasheet (PDF) - System Logic Semiconductor

SL1776 Datasheet PDF - System Logic Semiconductor
Part # SL1776
Download  SL1776 Download
File Size   19.79 Kbytes
Page   2 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER

SL1776 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL1776 Datasheet PDF - System Logic Semiconductor

Part # SL1776
Download  SL1776 Click to download

File Size   19.79 Kbytes
Page   2 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER

SL1776 Datasheet (HTML) - System Logic Semiconductor


SL1776 Product details

MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER

This extremely versatile operational amplifier features low power consumption and high input impedance. In addition, the quiescent currents within the device may be programmed by the choice of an external resistor value or current source applied to the Iset input. This allows the amplifier`s characteristics to be optimized for input current and power consumption despite wide variations in operating power supply voltages.

FEATURES
    Supply Operation ± 1,2 - ± 18 V
    Input Bias Current 2nA typ
    Input Offset Current 0,7 nA typ
    Input Offset Voltage 2 mV typ
    Large Signal Voltage Gain ³ 50 k V/V
    Low Current Drain
    Wide Programming Range
    Offset Null Capability
    Short Circuit Protection
    Internally Frequency Compensated for Unity Gain




Similar Part No. - SL1776

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
SL17 ASHCROFT-SL17 Datasheet
312Kb / 3P
SL17 Submersible Pressure Transmitter
RevB_12-14-22
logo
Zarlink Semiconductor I...
SL1700 ZARLINK-SL1700 Datasheet
363Kb / 7P
MAC SIGNAL INPUT PROCESSOR AND DATA RECOVERY CIRCUIT
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
Quadrature Downconverter
SL1711B MITEL-SL1711B Datasheet
566Kb / 20P
Quadrature Downconverter
More results


Similar Description - SL1776

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-32 AD-OP-32 Datasheet
616Kb / 12P
High-Speed(Avcl => 10) Programmable Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
logo
List of Unclassifed Man...
IL1776 ETC-IL1776 Datasheet
18Kb / 2P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
2MHz,MicropowerOperationalAmplifier
May 2001
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776 Datasheet
100Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
Micropower Programmable Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com