Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4551 Datasheet (PDF) - OSRAM GmbH

SFH-4551 Datasheet PDF - OSRAM GmbH
Part # SFH-4551
Download  SFH-4551 Download
File Size   439.76 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (850nm) in SMR짰 Package

SFH-4551 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH-4551 Datasheet PDF - OSRAM GmbH

Part # SFH-4551
Download  SFH-4551 Click to download

File Size   439.76 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter (850nm) in SMR짰 Package

SFH-4551 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH-4551

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4550 OSRAM-SFH-4550 Datasheet
394Kb / 9P
Infrared Emitter
SFH-4554 OSRAM-SFH-4554 Datasheet
414Kb / 9P
Infrared Emitter
SFH-4555 OSRAM-SFH-4555 Datasheet
405Kb / 9P
High Power Infrared Emitter
SFH-4556 OSRAM-SFH-4556 Datasheet
407Kb / 9P
High Power Infrared Emitter
SFH-4556P OSRAM-SFH-4556P Datasheet
387Kb / 9P
Infrared Emitter
More results


Similar Description - SFH-4551

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
High Power Infrared Emitter (850nm) in Surface Mount Package
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
High Power Infrared Emitter (850nm) in SMR
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
Infrared Emitter (850nm) in SMR
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
logo
CT Micro International ...
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
SMD Type 850nm Infrared Emitter
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com