Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7296IW Datasheet (PDF) - Exar Corporation

XRT7296IW Datasheet PDF - Exar Corporation
Part # XRT7296IW
Download  XRT7296IW Download
File Size   443.37 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description INTEGRATED LINE TRANSMITTER

XRT7296IW Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT7296IW Datasheet PDF - Exar Corporation

Part # XRT7296IW
Download  XRT7296IW Click to download

File Size   443.37 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description INTEGRATED LINE TRANSMITTER

XRT7296IW Datasheet (HTML) - Exar Corporation


XRT7296IW Product details

GENERAL DESCRIPTION
The XR-T7296 is a fully integrated PCM Line Driver IC intended for DS3 (44.736Mbps) or E3 (34.368Mbps) applications. It can also be used for transmitting SONET STS-1 (51.84Mbps) signals over coaxial cable. The IC is designed to complement either XR-T7295 DS3/SONET STS-1 or XR-T7295E E3 Integrated Line Receivers. The XR-T7296 converts input clock and dual-rail unipolar data into AMI pulses according to AT&T Technical Advisory No. 34 or CCITT G.703 recommendations.

FEATURES
• Fully Integrated Transmit Interface for DS3/STS-1 or E3
• Integrated Pulse Shaping Circuit
• Compliance with Compatibility Bulletin 119
• Compliance with CCITT Recommendations G.703 & G.824
• Compliance with Bellcore TR-NWT-000499
• Compliance with ANSI T1.404
• Built-in B3ZS/HDB3 Encoder and Decoder
• Remote and Local Loopback Functions
• Single 5V Power Supply

APPLICATIONS
• Interface for SONET, DS-3 and E3 Network Equipment
• Digital Cross-Connect Systems
• CSU/DSU Equipment
• PCM Test Equipment
• Fiber Optic Terminals




Similar Part No. - XRT7296IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7296IW-F EXAR-XRT7296IW-F Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results


Similar Description - XRT7296IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
DS3/STS-1, E3 Integrated Line Transmitter
logo
Emcore Corporation
RACK3000 EMCORE-RACK3000 Datasheet
262Kb / 2P
Integrated Microwave Transmitter
logo
Texas Instruments
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
logo
Emcore Corporation
SITU2011 EMCORE-SITU2011 Datasheet
284Kb / 3P
Small Integrated Transmitter Unit
SITU2300 EMCORE-SITU2300 Datasheet
343Kb / 3P
Small Integrated Transmitter Unit
SITU2400 EMCORE-SITU2400 Datasheet
298Kb / 3P
Small Integrated Transmitter Unit
logo
Exar Corporation
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
Texas Instruments
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com